Part Number Hot Search : 
SUR503EF G5104 TS256MMC EP110 G1213 CP1403SN W551CXXX BD5330
Product Description
Full Text Search
 

To Download 2SC4410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SC4410
Silicon NPN epitaxial planer type
For UHF amplification
Unit: mm
s Features
q q q
2.10.1 0.425 1.250.1 0.425
Allowing the small current and low voltage operation. High transition frequency fT. S-Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
0.65
1
2.00.2
1.30.1
0.65
3
2
0.90.1
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature
Symbol VCBO VCEO VEBO IC PC Tj Tstg
Ratings 10 7 2 10 50 150 -55 ~ +150
Unit V V V mA mW C C
0.70.1
0 to 0.1
0.20.1
1:Base 2:Emitter 3:Collector
EIAJ:SC-70 S-Mini Type Package
Marking symbol : 2X
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Forward current transfer ratio Transition frequency Collector output capacitance Foward transfer gain Maximum unilateral power gain Noise figure
(Ta=25C)
Symbol ICBO IEBO hFE fT Cob | S21e |2 GUM NF Conditions VCB = 10V, IE = 0 VEB = 1.5V, IC = 0 VCE = 1V, IC = 1mA VCE = 1V, IC = 1mA, f = 800MHz VCB = 1V, IE = 0, f = 1MHz VCE = 1V, IC = 1mA, f = 800MHz VCE = 1V, IC = 1mA, f = 800MHz VCE = 1V, IC = 1mA, f = 800MHz 50 4 0.4 6.0 15 3.5 min typ max 1 1 200 GHz pF dB dB dB Unit A A
Note: Handle the product with care because this is sensitive to the electrostatic breakdown by its structure.
0.15-0.05
+0.1
s Absolute Maximum Ratings
(Ta=25C)
0.2
0.3-0
+0.1
1
Transistor
PC -- Ta
80 6 Ta=25C 70 5 IB=50A 45A 40A 4 35A 30A 3 25A 20A 2 15A 10A 1 10 0 0 20 40 60 80 100 120 140 160 0 0 0.4 0.8 1.2 1.6 2.0 2.4 5A 50
2SC4410
IC -- VCE
60 VCE=1V
IC -- VBE
Collector power dissipation PC (mW)
Collector current IC (mA)
60 50 40 30 20
Collector current IC (mA)
40 25C Ta=75C 30 -25C
20
10
0 0 0.4 0.8 1.2 1.6 2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
100 30 10 3 1 Ta=75C 0.3 0.1 0.03 0.01 0.1 25C -25C IC/IB=10 240
hFE -- IC
12 VCE=1V
fT -- IC
VCE=1V f=800MHz Ta=25C
Forward current transfer ratio hFE
200
Transition frequency fT (GHz)
10 30 100
10
160 Ta=75C 120 25C 80 -25C 40
8
6
4
2
0.3
1
3
10
30
100
0 0.1
0.3
1
3
0 0.1
0.3
1
3
10
30
100
Collector current IC (mA)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
Collector output capacitance Cob (pF)
IE=0 f=1MHz Ta=25C
GUM -- IC
Maximum unilateral power gain GUM (dB)
24 VCE=1V f=800MHz Ta=25C 6
NF -- IC
VCE=1V (Rg=50) f=800MHz Ta=25C
1.2
1.0
20
5
0.8
16
Noise figure NF (dB)
0.3 1 3 10 30 100
4
0.6
12
3
0.4
8
2
0.2
4
1
0 0.1
0.3
1
3
10
30
100
0 0.1
0 0.1
0.3
1
3
10
30
100
Collector to base voltage VCB (V)
Collector current IC (mA)
Emitter current IE (mA)
2


▲Up To Search▲   

 
Price & Availability of 2SC4410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X